データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 3 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 3 Page - Texas Instruments

  FDMS8672AS Datasheet HTML 1Page - Texas Instruments FDMS8672AS Datasheet HTML 2Page - Texas Instruments FDMS8672AS Datasheet HTML 3Page - Texas Instruments FDMS8672AS Datasheet HTML 4Page - Texas Instruments FDMS8672AS Datasheet HTML 5Page - Texas Instruments FDMS8672AS Datasheet HTML 6Page - Texas Instruments FDMS8672AS Datasheet HTML 7Page - Texas Instruments FDMS8672AS Datasheet HTML 8Page - Texas Instruments FDMS8672AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS (2 oz. Trace and Copper Pad with Solder)
RECOMMENDED OPERATING CONDITIONS
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
over operating free-air temperature range (unless otherwise noted)
TPS51222
UNIT
VIN
–0.3 to 34
VBST1, VBST2
–0.3 to 39
VBST1, VBST2(3)
–0.3 to 7
SW1, SW2
–5 to 34
Input voltage range (2)
V
CSN1, CSN2, CSP1, CSP2
–1 to 13.5
EN, EN1, EN2, SKIPSEL1, SKIPSEL2, VFB1, VFB2
–0.3 to 7
V5SW
–1 to 7
V5SW (to VREG5)(4)
–7 to 7
DRVH1, DRVH2
–5 to 39
V
DRVH1, DRVH2(3)
–0.3 to 7
V
Output voltage range(2)
COMP1, COMP2, DRVL1, DRVL2, IMON1, IMON2, PGOOD1,
–0.3 to 7
V
PGOOD2, RF, VREF2, VREG5
VREG3
–0.3 to 3.6
V
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–55 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the corresponding SW terminal.
(4)
When EN is high and V5SW is grounded, or voltage is applied to V5SW when EN is low.
TA < 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
32-pin RTV
1.7 W
17 mW/°C
0.7 W
MIN
TYP
MAX
UNIT
VIN
4.5
32
V
Supply voltage
V5SW
–0.8
6
VBST1, VBST2
–0.1
37
DRVH1, DRVH2
–4.0
37
DRVH1, DRVH2 (wrt SW1, 2)
–0.1
6
SW1, SW2
–4.0
32
I/O voltage
V
CSP1, CSP2, CSN1, CSN2
–0.8
13
COMP1, COMP2, DRVL1, DRVL2, EN, EN1, EN2, IMON1, IMON2,
PGOOD1, PGOOD2, RF, SKIPSEL1, SKIPSEL2, VFB1, VFB2,
–0.1
6
VREF2, VREG5
VREG3
–0.1
3.5
TA
Operating free-air temperature
–40
85
°C
ORDERING INFORMATION
ORDERABLE PART
TA
PACKAGE(1)
TRANSPORT MEDIA
QUANTITY
ECO PLAN
NUMBER
TPS51222RTVT
Tape and Reel
250
Plastic Quad Flat Pack
Green (RoHS
-40°C to 85°C
(32-Pin QFN)
and no Sb/Br)
TPS51222RTVR
Tape and Reel
3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com