データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 5 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 5 Page - Texas Instruments

  FDMS8672AS Datasheet HTML 1Page - Texas Instruments FDMS8672AS Datasheet HTML 2Page - Texas Instruments FDMS8672AS Datasheet HTML 3Page - Texas Instruments FDMS8672AS Datasheet HTML 4Page - Texas Instruments FDMS8672AS Datasheet HTML 5Page - Texas Instruments FDMS8672AS Datasheet HTML 6Page - Texas Instruments FDMS8672AS Datasheet HTML 7Page - Texas Instruments FDMS8672AS Datasheet HTML 8Page - Texas Instruments FDMS8672AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, EN = 3.3V, VIN = 12V, V5SW = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT AMPLIFIER
GC
Gain
CSNx = 5V, TA = 25°C
(2)
1.667
Common mode Input
VIC
0
13
V
Voltage Range
Differential Input Voltage
VID
TA = 25°C
–75
75
mV
Range
POWERGOOD
PG in from lower
92.5%
95%
97.5%
V(THPG)
PG threshold
PG in from higher
102.5%
105%
107.5%
PG hysteresis
5%
I(PG)
PG sink Current
PGOOD = 0.5 V
5
mA
t(PGDLY)
PGOOD Delay
Delay for PG in
0.8
1
1.2
ms
SOFTSTART
t(SSDYL)
Soft Start Delay
Delay for Soft Start, ENx = Hi to SS-ramp starts
200
µs
t(SS)
Soft Start Time
Internal Soft Start
960
µs
FREQUENCY AND DUTY CONTROL
f(SW)
Switching Frequency
Rf = 330 k
Ω
273
303
333
kHz
Lo to Hi
0.7
1.3
2
V
V(THRF)
RF Threshold
Hysteresis
0.2
V
Sync Input Frequency
f(SYNC)
200
1000
kHz
Range(2)
V(DRVH) = 90% to 10%, No Load, CCM/ OOA
(2)
120
ns
tONmin
Minimum On Time
V(DRVH) = 90% to 10%, No Load, Auto-skip
160
250
ns
tOFFmin
Minimum Off Time
V(DRVH) = 10% to 90%, No Load
290
400
ns
DRVH-off to DRVL-on
10
30
50
ns
tD
Dead time
DRVL-off to DRVH-on
30
40
70
ns
V(DTH)
DRVH-off threshold
DRVH to GND (2)
1
V
V(DTL)
DRVL-off threshold
DRVL to GND(2)
1
V
CURRENT SENSE
TA = 0 to 85°C
56
60
65
2 V< VCSNx < 12.6 V
TA = –40 to 85°C
55
60
68
V(OCL)
Current limit threshold
mV
TA = 0 to 85°C
55
60
67
0.95 V < VCSNx < 12.6 V
TA = –40 to 85°C
54
60
72
Positive
5
Auto-Zero cross adjustable
VZCAJ
0.95 V < VCSNx < 12.6 V, Auto-skip
mV
offset range
Negative
–5
Zero cross detection
V(ZC)
0.95 V < VCSNx < 12.6 V, OOA
–4
0
4
mV
comparator Offset
TA = 0 to 85°C
–50
–60
–73
Negative current limit
V(OCLN-LV)
0.95 V < VCSNx < 12.6 V
threshold
TA = –40 to 85°C
–49
–60
–77
(2)
Specified by design.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com