データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 11 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 11 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 7Page - Texas Instruments FDMS8672AS Datasheet HTML 8Page - Texas Instruments FDMS8672AS Datasheet HTML 9Page - Texas Instruments FDMS8672AS Datasheet HTML 10Page - Texas Instruments FDMS8672AS Datasheet HTML 11Page - Texas Instruments FDMS8672AS Datasheet HTML 12Page - Texas Instruments FDMS8672AS Datasheet HTML 13Page - Texas Instruments FDMS8672AS Datasheet HTML 14Page - Texas Instruments FDMS8672AS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
3.20
3.25
3.3
3.35
3.40
0
2
4
6
8
10
V
I = 12 V
I
REG3 – 3.3-V Linear Regulator Output Current – mA
0
20
40
60
80
100
4.90
4.95
5.00
5.05
5.10
I
REG5 – 5-V Linear Regulator Output Current – mA
V
I = 12 V
270
280
300
310
320
330
290
R
RF = 330 kW
-50
0
50
100
150
T
J – Junction Temperature – °C
0
0.05
0.10
0.15
0.20
0.25
-50
0
50
100
150
T
J – Junction Temperature – °C
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
TYPICAL CHARACTERISTICS (continued)
VREG3 OUTPUT VOLTAGE
VREG5 OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 9.
Figure 10.
SWITCHING FREQUENCY
FORWARD VOLTAGE OF BOOST SW
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com