データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 8 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 8 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 4Page - Texas Instruments FDMS8672AS Datasheet HTML 5Page - Texas Instruments FDMS8672AS Datasheet HTML 6Page - Texas Instruments FDMS8672AS Datasheet HTML 7Page - Texas Instruments FDMS8672AS Datasheet HTML 8Page - Texas Instruments FDMS8672AS Datasheet HTML 9Page - Texas Instruments FDMS8672AS Datasheet HTML 10Page - Texas Instruments FDMS8672AS Datasheet HTML 11Page - Texas Instruments FDMS8672AS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SKIPSEL1
6
Skip mode selection pin.
GND: Continuous conduction mode
I
VREF2: Auto Skip
SKIPSEL2
19
VREG3: OOA Auto Skip, maximum 7 skips (suitable for fsw < 400kHz)
VREG5: OOA Auto Skip, maximum 15 skips (suitable for equal to or greater than 400kHz)
SW2
25
I/O
High-side MOSFET gate driver returns.
SW1
32
VREG5 switchover power supply input pin. When EN1 is high, PGOOD1 indicates GOOD and V5SW
voltage is higher than 4.8 V, switch-over function is enabled.
V5SW
2
I
Note: When switch-over is enabled, VREG5 output voltage is approximately equal to the V5SW input
voltage.
VBST1
31
Supply inputs for high-side N-channel FET driver (boot strap terminal). Connect a capacitor (0.1-
µF or
I
greater is recommended) from this pin to respective SW terminal. Additional SB diode from VREG5 to this
VBST2
26
pin is an optional.
VFB1
9
SMPS voltage feedback Inputs. Connect the feedback resistors divider, and should be referred to (signal)
I
GND.
VFB2
16
VIN
23
I
Supply input for 5-V and 3.3-V linear regulator. Typically connected to VBAT.
VREF2
13
O
2-V reference output. Bypass to (signal) GND with 0.22-
µF of ceramic capacitance.
Always alive 3.3 V, 10 mA low dropout linear regulator output. Bypass to (signal) GND with more than 1-
µF
VREG3
22
O
ceramic capacitance. Runs from VIN supply or from VREG5 when it is switched over to V5SW input.
5-V, 100-mA low dropout linear regulator output. Bypass to (power) GND using a 10-
µF ceramic capacitor.
Runs from VIN supply. Internally connected to VBST and DRVL. Shuts off with EN. Switches over to V5SW
VREG5
29
O
when 4.8 V or above is provided.
Note: When switch-over (see above V5SW) is enabled, VREG5 output voltage is approximately equal to
V5SW input voltage.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com