データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 29 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 29 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 25Page - Texas Instruments FDMS8672AS Datasheet HTML 26Page - Texas Instruments FDMS8672AS Datasheet HTML 27Page - Texas Instruments FDMS8672AS Datasheet HTML 28Page - Texas Instruments FDMS8672AS Datasheet HTML 29Page - Texas Instruments FDMS8672AS Datasheet HTML 30Page - Texas Instruments FDMS8672AS Datasheet HTML 31Page - Texas Instruments FDMS8672AS Datasheet HTML 32Page - Texas Instruments FDMS8672AS Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
C
O
Lx
Rs(DCR)
+
Cx
Rx
CSP
CSN
Inductor
Rc1
Rc2
R
NTC
LAYOUT CONSIDERATIONS
Inductor
CSP
R
C
H-FET
L-FET
SW
Cout
V5SW
R1
R2
VFB
CSN
Vout
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
Figure 46. Inductor DCR Current Sensing With Temperature Compensate
Certain points must be considered before starting a PCB layout work using the TPS51222.
Placement
• Place RC network for CSP1 and CSP2 close to the device pins.
• Place bypass capacitors for VREG5, VREG3 and VREF2 close to the device pins.
• Place frequency-setting resistor close to the device pin.
• Place the compensation circuits for COMP1 and COMP2 close to the device pins.
• Place the voltage setting resistors close to the device pins.
Routing (sensitive analog portion)
• Use separate traces for; see Figure 47
–
Output voltage sensing from current sensing (negative-side)
–
Output voltage sensing from V5SW input (when VOUT = 5V)
–
Current sensing (positive-side) from switch-node
Figure 47. Sensing Trace Routings
• Use Kelvin sensing traces from the solder pads of the current sensing device (inductor or resistor) to current
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com