データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 25 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 25 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 21Page - Texas Instruments FDMS8672AS Datasheet HTML 22Page - Texas Instruments FDMS8672AS Datasheet HTML 23Page - Texas Instruments FDMS8672AS Datasheet HTML 24Page - Texas Instruments FDMS8672AS Datasheet HTML 25Page - Texas Instruments FDMS8672AS Datasheet HTML 26Page - Texas Instruments FDMS8672AS Datasheet HTML 27Page - Texas Instruments FDMS8672AS Datasheet HTML 28Page - Texas Instruments FDMS8672AS Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
OVERVOLTAGE/UNDERVOLTAGE PROTECTION
UVLO PROTECTION
THERMAL SHUTDOWN
CURRENT MONITOR
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
TPS51222 monitors the output voltage to detect overvoltage and undervoltage. When the output voltage
becomes 15% higher than the target value, the OVP comparator output goes high and the circuit latches as the
high-side MOSFET driver OFF and the low-side MOSFET driver ON, and shuts off another channel.
When the feedback voltage becomes lower than 70% of the target voltage, the UVP comparator output goes
high and an internal UVP delay counter begins counting. After 1 ms, TPS51222 latches OFF both high-side and
low-side MOSFETs, and shuts off another channel. This UVP function is enabled after soft-start has completed.
The procedure for restarting from these protection states is:
1. toggle EN
2. toggle EN1 and EN2 or
3. once hit UVLO
The TPS51222 has undervoltage lockout protections (UVLO) for VREG5, VREG3 and VREF2. When the voltage
is lower than UVLO threshold voltage, TPS51222 shuts off each output as shown inTable 3. This is non-latch
protection.
Table 3. UVLO Protection
CH1/ CH2
VREG5
VREG3
VREF2
VREG5 UVLO
Off
—
On
On
VREG3 UVLO
Off
Off
—
Off
VREF2 UVLO
Off
Off
On
—
The TPS51222 monitors the device temperature. If the temperature exceeds the threshold value, TPS51222
shuts off both SMPS and 5V-LDO, and decreases the VREG3 current limitation to 5 mA (typically). This is
non-latch protection.
TPS51222 monitors the output current as the voltage difference between CSPx and CSNx terminal. The
transconductance amplifier (CS-AMP) amplifies this differential voltage by 50 times and sends out from IMONx
thermal. Adding RC filter is recommended.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com