データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 24 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 24 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 20Page - Texas Instruments FDMS8672AS Datasheet HTML 21Page - Texas Instruments FDMS8672AS Datasheet HTML 22Page - Texas Instruments FDMS8672AS Datasheet HTML 23Page - Texas Instruments FDMS8672AS Datasheet HTML 24Page - Texas Instruments FDMS8672AS Datasheet HTML 25Page - Texas Instruments FDMS8672AS Datasheet HTML 26Page - Texas Instruments FDMS8672AS Datasheet HTML 27Page - Texas Instruments FDMS8672AS Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
ADAPTIVE ZERO CROSSING
CURRENT PROTECTION
I
OCL(DC) + IOCL(PEAK) * 0.5
I
IND(RIPPLE)
(5)
I
OCL(PEAK) +
V
OCL
R
SENSE
(6)
POWERGOOD
OUTPUT DISCHARGE CONTROL
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
TPS51222 has an adaptive zero crossing circuit which performs optimization of the zero inductor current
detection at skip mode operation. This function pursues ideal low-side MOSFET turning off timing and
compensates inherent offset voltage of the ZC comparator and delay time of the ZC detection circuit. It prevents
SW-node swing-up caused by too late detection and minimizes diode conduction period caused by too early
detection. As a result, better light load efficiency is delivered.
TPS51222 has cycle-by-cycle overcurrent limiting control. If the inductor current becomes larger than the
overcurrent trip level, TPS51222 turns off high-side MOSFET, turns on low-side MOSFET and waits for the next
clock cycle.
IOCL(PEAK) sets peak level of the inductor current. Thus, the dc load current at overcurrent threshold, IOCL(DC), can
be calculated as follows;
where
• R
SENSE is resistance of current sensing device
• V
(OCL) is the overcurrent trip threshold voltage
In an overcurrent condition, the current to the load exceeds the current to the output capacitor thus the output
voltage tends to fall down, and it ultimately crosses the undervoltage protection threshold and shutdown.
The TPS51222 has powergood output for both switcher channels. The powergood function is activated after
softstart has finished. If the output voltage becomes within ±5% of the target value, internal comparators detect
power good state and the powergood signal becomes high after 1ms internal delay. If the output voltage goes
outside of ±10% of the target value, the powergood signal becomes low after 1.5
µs internal delay. Apply voltage
should be less than 6V and the recommended pull-up resistance value is from 100k
Ω to 1MΩ.
The TPS51222 discharges output when ENx is low. The TPS51222 discharges outputs using an internal
MOSFET which is connected to CSNx and GND. The current capability of these MOSFETs is limited to
discharge the output capacitor slowly. If ENx becomes high during discharge, MOSFETs are turning off, and
some output voltage remains. SMPS changes over to soft-start. The PWM initiates after the target voltage
overtakes the remaining output voltage.
24
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com