データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 27 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 27 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 23Page - Texas Instruments FDMS8672AS Datasheet HTML 24Page - Texas Instruments FDMS8672AS Datasheet HTML 25Page - Texas Instruments FDMS8672AS Datasheet HTML 26Page - Texas Instruments FDMS8672AS Datasheet HTML 27Page - Texas Instruments FDMS8672AS Datasheet HTML 28Page - Texas Instruments FDMS8672AS Datasheet HTML 29Page - Texas Instruments FDMS8672AS Datasheet HTML 30Page - Texas Instruments FDMS8672AS Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Rgv + 0.1
I
OUT(MAX)
I
OCL(PEAK)
V
OUT
1
Gmv
Vdroop
(11)
Rgv[kW] + 200
I
OUT(MAX)
I
OCL(PEAK)
V
OUT[V]
Vdroop[mV]
(12)
ƒ
0 +
5
p
I
OCL(PEAK)
1
V
OUT
Gmv
Rgv
Co
t
ƒsw
3
(13)
Co u
15
p
I
OCL(PEAK)
1
V
OUT
Gmv
Rgv
ƒsw
(14)
Cc + Co
ESR
Rgv
(15)
RESISTOR CURRENT SENSING
Cx
Rx +
Lx
Rs
(16)
Co
L
VIN
Rs
+
Cx
Rx
Control
logic
&
Driver
DRVH
DRVL
CSP
CSN
Ex-resistor
Lx(ESL)
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
If no-droop is preferred, attach a series RC network circuit instead of single resistor. Series resistance is
determined using Equation 12 . Series capacitance can be arbitrarily chosen to meet the RC time constant,
but should be kept under 1/10 of fo.
6. Determine output capacitance Co to achieve a stable operation using the next equation. The 0 dB frequency,
fo, should be kept under 1/3 of the switching frequency.
7. Calculate Cc. The purpose of this capacitance is to cancel zero caused by ESR of the output capacitor. If
ceramic capacitor(s) is used, there is no need for Cc. If a combination of different capacitors is used, attach a
RC network circuit instead of single capacitance to cancel zeros and poles caused by the output capacitors.
With single capacitance, Cc is given in Equation 15.
8. Choose MOSFETs Generally, the on resistance affects efficiency at high load conditions as conduction loss.
For a low output voltage application, the duty ratio is not high enough so that the on resistance of high-side
MOSFET does not affect efficiency; however, switching speed (tr and tf) affects efficiency as switching loss.
As for low-side MOSFET, the switching loss is usually not a main portion of the total loss.
For more accurate current sensing with an external resistor, the following technique is recommended. Adding an
RC filter to cancel the parasitic inductance of resistor, this filter value is calculated using Equation 16.
This equation means time-constant of Cx and Rx should match the one of Lx (ESL) and Rs.
Figure 43. External Resistor Current Sensing
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com