データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 30 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 30 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 26Page - Texas Instruments FDMS8672AS Datasheet HTML 27Page - Texas Instruments FDMS8672AS Datasheet HTML 28Page - Texas Instruments FDMS8672AS Datasheet HTML 29Page - Texas Instruments FDMS8672AS Datasheet HTML 30Page - Texas Instruments FDMS8672AS Datasheet HTML 31Page - Texas Instruments FDMS8672AS Datasheet HTML 32Page - Texas Instruments FDMS8672AS Datasheet HTML 33Page - Texas Instruments FDMS8672AS Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
RCnetwork
nexttoIC
Currentsensing
Device
InnerSignal-GNDplane
0W resistor
GND
Toinner
Power-GND
layer
Toinner
Signal-GND
plane
#28
GND-pin
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
sensing comparator inputs (CSPx and CSNx). (See Figure 48)
Figure 48. Current Sensing Traces
• Use small copper space for VFBx. These are short and narrow traces to avoid noise coupling
• Connect VFB resistor trace to the positive node of the output capacitor.
• Use signal GND for VREF2 and VREG3 capacitors, RF and VFB resistors, and the other sensitive analog
components. Placing a signal GND plane (underneath the IC, and fully covered peripheral components) on
the internal layer for shielding purpose is recommended. (See Figure 49)
• Use a thermal land for PowerPAD™. Five or more vias, with 0.33-mm (13-mils) diameter connected from the
thermal land to the internal GND plane, should be used to help dissipation. Do NOT connect the GND-pin to
this thermal land on the surface layer, underneath the package.
Routing (power portion)
• Use wider/shorter traces of DRVL for low-side gate drivers to reduce stray inductance.
• Use the parallel traces of SW and DRVH for high-side MOSFET gate drive, and keep them away from DRVL.
• Connect SW trace to source terminal of the high-side MOSFET.
• Use power GND for VREG5, VIN and V
OUT capacitors and low-side MOSFETs. Power GND and signal GND
should be connected near the device GND terminal. (See Figure 49)
Figure 49. GND Layout Example
30
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com