データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 13 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 13 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 9Page - Texas Instruments FDMS8672AS Datasheet HTML 10Page - Texas Instruments FDMS8672AS Datasheet HTML 11Page - Texas Instruments FDMS8672AS Datasheet HTML 12Page - Texas Instruments FDMS8672AS Datasheet HTML 13Page - Texas Instruments FDMS8672AS Datasheet HTML 14Page - Texas Instruments FDMS8672AS Datasheet HTML 15Page - Texas Instruments FDMS8672AS Datasheet HTML 16Page - Texas Instruments FDMS8672AS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
3.20
3.25
3.40
4.5
5.0
5.5
6.5
7.0
3.30
3.35
V
I – Input Voltage – V
6.0
0
4
8
I
O (A)
Auto-Skip Mode
f
SW = 330 kHz
0
20
40
60
80
100
Current Mode
V
I = 12 V
R
GV = 18 kW
0.001
0.01
0.1
1
10
I
O1 – 5-V Output Current – A
Auto-Skip
OOA
CCM
Auto-Skip
OOA
CCM
0
20
40
60
80
100
0.001
0.01
0.1
1
10
I
O2 – 3.3-V Output Current – A
V
I = 12 V
Current Mode
R
GV = 12 kW
5.0-V SMPS: ON
V
I = 8 V
Auto-Skip
Current Mode
R
GV = 18 kW
50
60
70
80
90
100
0.001
0.01
0.1
1
10
I
O1 – 5-V Output Current – A
V
I = 12 V
V
I = 20 V
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
TYPICAL CHARACTERISTICS (continued)
3.3-V OUTPUT VOLTAGE
5-V EFFICIENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 17.
Figure 18.
5-V EFFICIENCY
3.3-V EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 19.
Figure 20.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com