データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 22 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 22 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 18Page - Texas Instruments FDMS8672AS Datasheet HTML 19Page - Texas Instruments FDMS8672AS Datasheet HTML 20Page - Texas Instruments FDMS8672AS Datasheet HTML 21Page - Texas Instruments FDMS8672AS Datasheet HTML 22Page - Texas Instruments FDMS8672AS Datasheet HTML 23Page - Texas Instruments FDMS8672AS Datasheet HTML 24Page - Texas Instruments FDMS8672AS Datasheet HTML 25Page - Texas Instruments FDMS8672AS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
(
)
(
)
LL(PEAK )RAMP
ON
SW
OCL PEAK
I
0.2 - 0.13
t
f
t
I
=
´
´
´ ´
(4)
I
LL(DC)
Time
Inductor
Current
I
LL(PEAK)
I
IND(RIPPLE)
0
t
ON
1/f
SW
t – Time
I
LL(PEAK) Ramp Signal
20% of I
OCL
I
LL(PEAK) at
Light Load
7% of I
OCL
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
Switching frequency versus output current in the light load condition is a function of L, f, VIN and VOUT, but it
decreases almost proportionally to the output current from the ILL(DC), as described in Equation 2; while
maintaining the switching synchronization with the clock. Due to the synchronization, the switching waveform in
boundary load condition (close to ILL(DC)) appears as a sub-harmonic oscillation; however, it is the intended
operation.
If SKIPSELx is tied to GND, the TPS51222 works on a constant frequency of fSW regardless its load current.
Figure 40. Boundary Between Pulse Skipping and CCM
Figure 41. Inductor Current Limit at Pulse Skipping
Table 2. Skip Mode Selection
SKIPSELx
GND
VREF2
VREG3
VREG5
OOA Skip (maximum 7
OOA Skip (maximum 15 skips, for
OPERATING MODE
Continuous Conduction
Auto Skip
skips, for <400 kHz)
equal to or greater than 400kHz)
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com