データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 19 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 19 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 15Page - Texas Instruments FDMS8672AS Datasheet HTML 16Page - Texas Instruments FDMS8672AS Datasheet HTML 17Page - Texas Instruments FDMS8672AS Datasheet HTML 18Page - Texas Instruments FDMS8672AS Datasheet HTML 19Page - Texas Instruments FDMS8672AS Datasheet HTML 20Page - Texas Instruments FDMS8672AS Datasheet HTML 21Page - Texas Instruments FDMS8672AS Datasheet HTML 22Page - Texas Instruments FDMS8672AS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
DETAILED DESCRIPTION
ENABLE AND SOFT START
200ms
960ms
Vout1
EN1
EN1
Vout1
External
Soft-start
time
EN1>1V
EN1<2V
1)Internal
Soft-start
2)External
Soft-start
3.3-V, 10-mA LDO (VREG3)
2-V, 100-
µA Sink/Source Reference (VREF2)
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
When EN is Low, the TPS51222 is in the shutdown state. Only the 3.3-V LDO stays alive, and consumes 7
µA
(typically). When EN becomes High, the TPS51222 is in the standby state. The 2-V reference and the 5-V LDO
become enabled, and consume about 80
µA with no load condition, and are ready to turn on SMPS channels.
Each SMPS channel is turned on when ENx becomes High. After ENx is set to high, the TPS51222 begins the
softstart sequence, and ramps up the output voltage from zero to the target voltage in 0.96 ms. However, if a
slower soft-start is required, an external capacitor can be tied from the ENx pin to GND. In this case, the
TPS51222 charges the external capacitor with the integrated 2-
µA current source. An approximate external
soft-start time would be tEX-SS = CEX / IEN12, which means the time from ENx = 1 V to ENx = 2 V. The recommend
capacitance is more than 2.2 nF.
Figure 38. Enable and Soft-start Timing
Table 1. Enable Logic States
EN
EN1
EN2
VREG3
VREF2
VREG5
CH1
CH2
GND
Don’t Care
Don’t Care
ON
Off
Off
Off
Off
Hi
Lo
Lo
ON
ON
ON
Off
Off
Hi
Hi
Lo
ON
ON
ON
ON
Off
Hi
Lo
Hi
ON
ON
ON
Off
ON
Hi
Hi
Hi
ON
ON
ON
ON
ON
A 3.3-V, 10-mA, linear regulator is integrated in the TPS51222. This LDO services some of the analog circuit in
the device and provides a handy standby supply for 3.3-V Always On voltage in the notebook system. Apply a
2.2-
µF (at least 1-µF), high quality X5R or X7R ceramic capacitor from VREG3 to (signal) GND in adjacent to the
device.
This voltage is used for the reference of the loop compensation network. Apply a 0.22-
µF (at least 0.1-µF),
high-quality X5R or X7R ceramic capacitor from VREF2 to (signal) GND in adjacent to the device.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com