データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 6 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 6 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 2Page - Texas Instruments FDMS8672AS Datasheet HTML 3Page - Texas Instruments FDMS8672AS Datasheet HTML 4Page - Texas Instruments FDMS8672AS Datasheet HTML 5Page - Texas Instruments FDMS8672AS Datasheet HTML 6Page - Texas Instruments FDMS8672AS Datasheet HTML 7Page - Texas Instruments FDMS8672AS Datasheet HTML 8Page - Texas Instruments FDMS8672AS Datasheet HTML 9Page - Texas Instruments FDMS8672AS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, EN = 3.3V, VIN = 12V, V5SW = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT DRIVERS
Source, V(VBST-DRVH) = 0.1 V
1.7
5
R(DRVH)
DRVH resistance
Ω
Sink, V(DRVH-SW) = 0.1 V
1
3
Source, V(VREG5-DRVL) = 0.1 V
1.3
4
R(DRVL)
DRVL resistance
Ω
Sink, V(DRVL-GND) = 0.1 V
0.7
2
CURRENT MONITOR
GIMON
Current monitor gain
50
VCSPx–VCSNx = 60 mV, 0.95 V < VCSNx < 12.6 V,
VIMON
Current monitor output
2.75
3.00
3.25
V
TA = 25°C
VCSPx–VCSNx = 0 mV, 0.95 V < VCSNx < 12.6 V,
VIMON-OFF
Current monitor output offset
–200
200
mV
TA = 25°C
UVP, OVP AND UVLO
V(OVP)
OVP Trip Threshold
OVP detect
110%
115%
120%
t(OVPDLY)
OVP Prop Delay
1.5
µs
V(UVP)
UVP Trip Threshold
UVP detect
65%
70%
73%
t(UVPDLY)
UVP Delay
0.8
1
1.2
ms
Wake up
1.7
1.8
1.9
V
V(UVREF2)
VREF2 UVLO Threshold
Hysteresis
75
100
125
mV
Wake up
3
3.1
3.2
V(UVREG3)
VREG3 UVLO Threshold
V
Hysteresis
0.10
0.15
0.20
Wake up
4.1
4.2
4.3
V
V(UVREG5)
VREG5 UVLO Threshold
Hysteresis
0.35
0.40
0.44
V
INTERFACE AND LOGIC THRESHOLD
Wake up
0.8
1
1.2
V(EN)
EN Threshold
V
Hysteresis
0.1
0.2
0.3
Wake up
0.45
0.50
0.55
V(EN12)
EN1/EN2 Threshold
V
Hysteresis
0.1
0.2
0.3
EN1/EN2 SS Start
V(EN12SS)
SS-ramp start threshold at external soft start
1
V
Threshold
V(EN12SSEND)
EN1/EN2 SS End Threshold
SS-End threshold at external soft start (3)
2
V
I(EN12)
EN1/EN2 Source Current
VEN1/EN2 = 0V
1.6
2
2.4
µA
Continuous
1.5
Auto Skip
1.9
2.1
SKIPSEL1/SKIPSEL2
V(SKIPSEL)
V
Setting Voltage
OOA Skip (min 1/8 Fsw)
3.2
3.4
OOA Skip (min 1/16 Fsw)
3.8
SKIPSELx = 0 V
–0.5
0.5
I(SKIPSEL)
SKIPSEL Input Current
µA
SKIPSELx = 5 V
–0.5
0.5
BOOT STRAP SW
V(FBST)
Forward Voltage
VVREG5-VBST, IF = 10 mA, TA = 25°C
0.10
0.20
V
I(BSTLK)
VBST Leakage Current
VVBST = 37 V, VSW = 32 V
0.01
1.5
µA
THERMAL SHUTDOWN
Shutdown temperature(3)
150
T(SDN)
Thermal SDN Threshold
°C
Hysteresis(3)
10
(3)
Specified by design.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com