データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 7 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 7 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 3Page - Texas Instruments FDMS8672AS Datasheet HTML 4Page - Texas Instruments FDMS8672AS Datasheet HTML 5Page - Texas Instruments FDMS8672AS Datasheet HTML 6Page - Texas Instruments FDMS8672AS Datasheet HTML 7Page - Texas Instruments FDMS8672AS Datasheet HTML 8Page - Texas Instruments FDMS8672AS Datasheet HTML 9Page - Texas Instruments FDMS8672AS Datasheet HTML 10Page - Texas Instruments FDMS8672AS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
DEVICE INFORMATION
PINOUT
DRVH2
VIN
VREG3
EN2
DRVH1
V5SW
RF
EN1
PGOOD2
SKIPSEL2
CSP2
CSN2
PGOOD1
SKIPSEL1
CSP1
CSN1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
TPS51122
RTVPACKAGE
(TOP VIEW)
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
COMP1
10
Loop compensation pin for current mode (error amplifier output). Connect R (and C if required) from this pin
I
to VREF2 for proper loop compensation with current mode operation.
COMP2
15
CSN1
8
Current sense comparator inputs (–). See the current sensing scheme section. Used as power supply for the
I
current sense circuit for 5 V or higher output voltage setting. Also, used for output discharge terminal.
CSN2
17
CSP1
7
Current sense comparator inputs (+). An RC network with high quality X5R or X7R ceramic capacitor should
I/O
be used to extract voltage drop across DCR. 0.1-
µF is a good value to start the design. See the current
CSP2
18
sensing scheme section for more details.
DRVH1
1
High-side MOSFET gate driver outputs. Source 1.7
Ω, sink 1.0 Ω, SW-node referenced floating driver. Drive
O
voltage corresponds to VBST to SW voltage.
DRVH2
24
DRVL1
30
O
Low-side MOSFET gate driver outputs. Source 1.3
Ω, sink 0.7 Ω, and GND referenced driver.
DRVL2
27
VREF2 and VREG5 linear regulators enable pin. When turning on, apply greater than 1.2 V and less than 6
EN
12
I
V. Connect to GND to disable.
EN1
4
Channel 1 and channel 2 SMPS Enable Pins. When turning on, apply greater than 0.55 V and less than 6 V.
I
Connect to GND to disable. Adjustable soft-start capacitance to be attached here.
EN2
21
GND
28
–
Ground
IMON1
11
O
Current monitor outputs for channel 1 and channel 2. Adding an RC filter is recommended.
IMON2
14
PGOOD1
5
Powergood window comparator outputs for channel 1 and channel 2. The recommended applied voltage
O
should be less than 6 V, and the recommended pull-up resistance value is from 100 k
Ω to 1 MΩ.
PGOOD2
20
Frequency setting pin. Connect a frequency setting resistor to (signal) GND. Connect to an external clock for
RF
3
I/O
synchronization.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com