データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 28 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 28 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 24Page - Texas Instruments FDMS8672AS Datasheet HTML 25Page - Texas Instruments FDMS8672AS Datasheet HTML 26Page - Texas Instruments FDMS8672AS Datasheet HTML 27Page - Texas Instruments FDMS8672AS Datasheet HTML 28Page - Texas Instruments FDMS8672AS Datasheet HTML 29Page - Texas Instruments FDMS8672AS Datasheet HTML 30Page - Texas Instruments FDMS8672AS Datasheet HTML 31Page - Texas Instruments FDMS8672AS Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
INDUCTOR DCR CURRENT SENSING
Co
Lx
VIN
Rs(DCR)
+
Cx
Rx
Control
logic
&
Driver
DRVH
DRVL
CSP
CSN
Inductor
Co
Lx
VIN
Rs(DCR)
+
Cx
Rx
Control
logic
&
Driver
DRVH
DRVL
CSP
CSN
Inductor
Rc
(
)
Lx
Cx
Rx
Rc
Rs
´
=
P
(17)
I
OCL(PEAK) + VOCL
1
Rs
Rx ) Rc
Rc
(18)
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
To use inductor DCR as current sensing resistor (Rs), the configuration needs to change as below. However, the
equation that must be satisfied is the same as the one for the resistor sensing.
Figure 44. Inductor DCR Current Sensing
Figure 45. Inductor DCR Current Sensing With Voltage Divider
TPS51222 has a fixed V(OCL) point (60 mV). In order to adjust for DCR, a voltage divider can be configured a
described in Figure 45.
For Rx, Rc and Cx can be calculated as shown below, and overcurrent limitation value can be calculated as
follows:
Figure 46 shows the compensation technique for the temperature drifts of the inductor DCR value. This scheme
assumes the temperature rise at the thermistor (RNTC) is directly proportional to the temperature rise at the
inductor.
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com