データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 4 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 4 Page - Texas Instruments

  FDMS8672AS Datasheet HTML 1Page - Texas Instruments FDMS8672AS Datasheet HTML 2Page - Texas Instruments FDMS8672AS Datasheet HTML 3Page - Texas Instruments FDMS8672AS Datasheet HTML 4Page - Texas Instruments FDMS8672AS Datasheet HTML 5Page - Texas Instruments FDMS8672AS Datasheet HTML 6Page - Texas Instruments FDMS8672AS Datasheet HTML 7Page - Texas Instruments FDMS8672AS Datasheet HTML 8Page - Texas Instruments FDMS8672AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
ELECTRICAL CHARACTERISTICS
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
over operating free-air temperature range, EN = 3.3V, VIN = 12V, V5SW = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN shutdown current, TA = 25°C,
I(VINSDN)
VIN shutdown current
7
15
µA
No Load, EN = 0V, V5SW = 0 V
VIN standby current, TA = 25°C, No Load,
I(VINSTBY)
VIN Standby Current
80
120
µA
EN1 = EN2 = V5SW = 0 V
Vbat standby current, TA = 25°C, No Load
I(VBATSTBY)
Vbat Standby Current
500
µA
SKIPSEL2 = 2V, EN2 = open, EN1 = V5SW = 0V(1)
V5SW current, TA = 25°C, No Load,
I(V5SW)
V5SW Supply Current
0.8
mA
ENx = 5V, VFBx = 1.05 V
VREF2 OUTPUT
I(VREF2) < ±10 µA, TA = 25°C
1.98
2.00
2.02
V(VREF2)
VREF2 Output Voltage
V
I(VREF2) < ±100 µA, 4.5V < VIN < 32 V
1.97
2.00
2.03
VREG3 OUTPUT
V5SW = 0 V, I(VREG3) = 0 mA, TA = 25°C
3.279
3.313
3.347
V(VREG3)
VREG3 Output Voltage
V
V5SW = 0 V, 0 mA < I(VREG3) < 10 mA,
3.135
3.300
3.400
5.5 V < VIN < 32 V
I(VREG3)
VREG3 Output Current
VREG3 = 3 V
10
15
20
mA
VREG5 OUTPUT
V5SW = 0 V, I(VREG5) = 0 mA, TA = 25°C
4.99
5.04
5.09
V
V5SW = 0 V, 0 mA < I(VREG5) < 100 mA,
4.90
5.03
5.15
V(VREG5)
VREG5 Output Voltage
6 V < VIN < 32 V
V5SW = 0 V, 0 mA < I(VREG5) < 100 mA,
4.50
5.03
5.15
V
5.5 V < VIN < 32 V
V5SW = 0 V, VREG5 = 4.5 V
100
150
200
I(VREG5)
VREG5 Output Current
mA
V5SW = 5 V, VREG5 = 4.5 V
200
300
400
Turning on
4.55
4.7
4.8
V(THV5SW)
Switchover Threshold
V
Hysteresis
0.15
0.20
0.25
td(V5SW)
Switchover Delay
Turning on
7.7
ms
R(V5SW)
5V SW Ron
I(VREG5) = 100 mA
0.5
Ω
OUTPUT
TA = 25°C, No Load
0.9925
1.000
1.0075
VFB Regulation Voltage
V(VFB)
V
Tolerance
TA = –40°C to 85°C , No Load
0.990
1.000
1.010
I(VFB)
VFB Input Current
VFBx = 1.05 V, COMPx = 1.8 V, TA = 25°C
–50
50
nA
R(Dischg)
CSNx Discharge Resistance
ENx = 0 V, CSNx = 0.5 V, TA = 25°C
20
40
Ω
VOLTAGE TRANSCONDUCTANCE AMPLIFIER
Gmv
Gain
TA = 25°C
500
µS
Differential Input Voltage
VID
–30
30
mV
Range
TA = 0 to 85°C
27
33
µA
COMP Maximum Sink
I(COMPSINK)
COMPx = 1.8 V
Current
TA = –40 to 85°C
22
33
µA
COMP Maximum Source
I(COMPSRC)
COMPx = 1.8 V
–33
–43
µA
Current
VCOMP
COMP Clamp Voltage
2.18
2.22
2.26
V
COMP Negative Clamp
VCOMPN
1.73
1.77
1.81
V
Voltage
(1)
Specified by design. Detail external condition follows application circuit of Figure 52.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com