データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 20 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 20 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 16Page - Texas Instruments FDMS8672AS Datasheet HTML 17Page - Texas Instruments FDMS8672AS Datasheet HTML 18Page - Texas Instruments FDMS8672AS Datasheet HTML 19Page - Texas Instruments FDMS8672AS Datasheet HTML 20Page - Texas Instruments FDMS8672AS Datasheet HTML 21Page - Texas Instruments FDMS8672AS Datasheet HTML 22Page - Texas Instruments FDMS8672AS Datasheet HTML 23Page - Texas Instruments FDMS8672AS Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
5.0-V, 100-mA LDO (VREG5)
VREG5 SWITCHOVER
BASIC PWM OPERATIONS
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
A 5.0-V, 100-mA, linear regulator is integrated in the TPS51222. This LDO services the main analog supply rail
and provides the current for gate drivers until switch-over function becomes enable. Apply a 10-
µF (at least
4.7-
µF), high-quality X5R or X7R ceramic capacitor from VREG5 to (power) GND in adjacent to the device.
When EN1 is high, PGOOD1 indicates GOOD and a voltage of more than 4.8 V is applied to V5SW, the internal
5V-LDO is shut off and the VREG5 is shorted to V5SW by an internal MOSFET after an 7.7-ms delay. When the
V5SW voltage becomes lower than 4.65 V, EN1 becomes low, or PGOOD1 indicates BAD, the internal switch is
turned off, and the internal 5V-LDO resumes immediately.
The main control loop of the SMPS is designed as a fixed frequency, peak current mode, pulse width modulation
(PWM) controller. It achieves stable operation with any type of output capacitors, including low ESR capacitor(s)
such as ceramic or specialty polymer capacitors.
The current mode scheme uses the output voltage information and the inductor current information to regulate
the output voltage. The output voltage information is sensed by VFBx pin. The signal is compared with the
internal 1-V reference and the voltage difference is amplified by a transconductance amplifier (VFB-AMP). The
inductor current information is sensed by CSPx and CSNx pins. The voltage difference is amplified by another
transconductance amplifier (CS-AMP). The output of the VFB-AMP indicates the target peak inductor current. If
the output voltage decreases, the TPS51222 increases the target inductor current to raise the output voltage.
Alternatively, if the output voltage rises, the TPS51222 decreases the target inductor current to reduce the output
voltage.
At the beginning of each clock cycle, the high-side MOSFET is turned on, or becomes ‘ON’ state. The high-side
MOSFET is turned off, or becomes OFF state, after the inductor current becomes the target value which is
determined by the combination value of the output of the VFB-AMP and a ramp compensation signal. The ramp
compensation signal is used to prevent sub-harmonic oscillation of the inductor current control loop. The
high-side MOSFET is turned on again at the next clock cycle. By repeating the operation in this manner, the
controller regulates the output voltage. The synchronous low-side or the rectifying MOSFET is turned on each
OFF state to keep the conduction loss minimum.
20
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com