データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 23 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 23 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 19Page - Texas Instruments FDMS8672AS Datasheet HTML 20Page - Texas Instruments FDMS8672AS Datasheet HTML 21Page - Texas Instruments FDMS8672AS Datasheet HTML 22Page - Texas Instruments FDMS8672AS Datasheet HTML 23Page - Texas Instruments FDMS8672AS Datasheet HTML 24Page - Texas Instruments FDMS8672AS Datasheet HTML 25Page - Texas Instruments FDMS8672AS Datasheet HTML 26Page - Texas Instruments FDMS8672AS Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
OUT OF AUDIO SKIP OPERATION
99% DUTY CYCLE OPERATION
HIGH-SIDE DRIVER
LOW-SIDE DRIVER
CURRENT SENSING SCHEME
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
Out-Of-Audio™ (OOA) light-load mode is a unique control feature that keeps the switching frequency above
acoustic audible frequencies toward virtually no load condition while maintaining state-of-the-art high conversion
efficiency. When OOA is selected, the switching frequency is kept higher than audible frequency range in any
load condition. The TPS51222 automatically reduced switching frequency at light-load conditions. The OOA
control circuit monitors the states of both MOSFETs and forces an ON state if the predetermined number of
pulses are skipped. The high-side MOSFET is turned on before the output voltage declines down to the target
value, so that eventually an overvoltage condition is caused. The OOA control circuit detects this overvoltage
condition and begins modulating the skip-mode on time to keep the output voltage.
The TPS51222 supports a wide-switching frequency range, therefore, the OOA skip mode has two selections.
See Table 2. When the 300-kHz switching frequency is selected, a maximum of seven (7) skips (SKIPSEL=3.3
V) makes the lowest frequency at 37.5 kHz. If a 15-skip maximum is chosen, it becomes 18.8 kHz, hence the
maximum 7 skip is suitable for less than 400 kHz, and the maximum 15 skip is 400 kHz or greater.
In a low-dropout condition such as 5-V input to 5-V output, the basic control loop attempts to maintain 100% of
the high-side MOSFET ON. However, with the N-channel MOSFET used for the top switch, it is not possible to
use the 100% on-cycle to charge the boot strap capacitor. TPS51222 detects the 100% ON condition and
asserts the OFF state at the appropriate time.
The high-side driver is designed to drive high current, low RDS(on) N-channel MOSFET(s). The drive capability is
represented by its internal resistance, which is 1.7
Ω for VBSTx to DRVHx, and 1Ω for DRVHx to SWx. When
configured as a floating driver, 5 V of bias voltage is delivered from VREG5 supply. The instantaneous drive
current is supplied by the flying capacitor between VBSTx and SWx pins. The average drive current is equal to
the gate charge at Vgs = 5V times switching frequency. This gate drive current as well as the low-side gate drive
current times 5 V makes the driving power which needs to be dissipated mainly from TPS51222 package. A
dead time to prevent shoot through is internally generated between high-side MOSFET off to low-side MOSFET
on, and low-side MOSFET off to high-side MOSFET on.
The low-side driver is designed to drive high-current low-RDS(on) N-channel MOSFET(s). The drive capability is
represented by its internal resistance, which are 1.3
Ω for VREG5 to DRVLx and 0.7Ω for DRVLx to GND. The
5-V bias voltage is delivered from VREG5 supply. The instantaneous drive current is supplied by an input
capacitor connected between VREG5 and GND. The average drive current is also calculated by the gate charge
at Vgs = 5 V times switching frequency.
In order to provide both good accuracy and cost effective solution, the TPS51222 supports external resistor
sensing and inductor DCR sensing. An RC network with high quality X5R or X7R ceramic capacitor should be
used to extract voltage drop across DCR. 0.1
µF is a good value to start the design. CSPx and CSNx should be
connected to positive and negative terminal of the sensing device respectively. The output signal of the internal
current amplifier becomes 100 mV at the OCL setting point. This means that the current sensing amplifier
normalize the current information signal based on the OCL setting. Attaching a RC network recommended even
with a resistor sensing scheme to get an accurate current sensing; see the External Components Selection
session for detailed configurations.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com