データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 40 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 40 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 35Page - Texas Instruments FDMS8672AS Datasheet HTML 36Page - Texas Instruments FDMS8672AS Datasheet HTML 37Page - Texas Instruments FDMS8672AS Datasheet HTML 38Page - Texas Instruments FDMS8672AS Datasheet HTML 39Page - Texas Instruments FDMS8672AS Datasheet HTML 40Page - Texas Instruments FDMS8672AS Datasheet HTML 41Page - Texas Instruments FDMS8672AS Datasheet HTML 42Page - Texas Instruments FDMS8672AS Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
www.ti.com
PACKAGE OUTLINE
C
32X
0.30
0.18
3.45 0.1
32X
0.5
0.3
0.8
0.7
(DIM A) TYP
0.05
0.00
28X 0.5
2X
3.5
2X 3.5
A
5.15
4.85
B
5.15
4.85
(0.2) TYP
WQFN - 0.8 mm max height
RTV0032E
PLASTIC QUAD FLATPACK - NO LEAD
4225196/A 08/2019
SIDE WALL LEAD
METAL THICKNESS
DIM A
OPTION 1
OPTION 2
0.1
0.2
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
8
17
24
9
16
32
25
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
EXPOSED
THERMAL PAD
33
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com