データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 26 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 26 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 22Page - Texas Instruments FDMS8672AS Datasheet HTML 23Page - Texas Instruments FDMS8672AS Datasheet HTML 24Page - Texas Instruments FDMS8672AS Datasheet HTML 25Page - Texas Instruments FDMS8672AS Datasheet HTML 26Page - Texas Instruments FDMS8672AS Datasheet HTML 27Page - Texas Instruments FDMS8672AS Datasheet HTML 28Page - Texas Instruments FDMS8672AS Datasheet HTML 29Page - Texas Instruments FDMS8672AS Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
APPLICATION INFORMATION
EXTERNAL COMPONENTS SELECTION
R1
+
1.0V
+
R2
VFB
PWM
SwitchingModulator
Co
Lx
VIN
Rs
+
Control
logic
&
Driver
DRVH
DRVL
CSP
CSN
ESR
RL
+
Rgc
Rgv
Cc
Gmv
COMP
VREF
Gmc
+
2.0V
Voltagedivider
Error Amplifier
Ramp
comp.
+
R1 + VOUT * 1.0
R2
(7)
RF[kW] +
1
105
ƒ
sw [kHz]
(8)
IN(TYP)
OUT
OUT
OUT(MAX)
SW
IN(TYP)
(V
- V
) × V
1
L =
×
0.33 x I
x
V
f
(9)
R
SENSE +
V
OCL
I
OCL(PEAK)
(10)
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
A buck converter using the TPS51222 consists of linear circuits and a switching modulator. Figure 42 shows the
basic scheme.
Figure 42. Simplified Current Mode Functional Blocks
The external components can be selected by following manner.
1. Determine output voltage dividing resistors (R1 and R2: shown in Figure 42) using the next equation
2. Determine switching frequency. Higher frequency allows smaller output capacitances, however, degrade
efficiency due to increase of switching loss. Frequency setting resistor for RF-pin can be calculated by;
3. Choose the inductor. The inductance value should be determined to give the ripple current of
approximately 25% to 50% of maximum output current. Recommended ripple current rate is about 30% to
40% at the typical input voltage condition, next equation uses 33%.
The inductor also needs to have low DCR to achieve good efficiency, as well as enough room above peak
inductor current before saturation.
4. Determine the sensing resistor.
Determine the sensing resistor using next equation. IOCL(PEAK) should be approximately 1.5 × IOUT(MAX) to
1.7 × IOUT(MAX).
5. Determine Rgv. Rgv should be determined from preferable droop compensation value and is given by next
equation based on the typical number of Gmv = 500
µS.
26
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com