データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 1 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 1 Page - Texas Instruments

  FDMS8672AS Datasheet HTML 1Page - Texas Instruments FDMS8672AS Datasheet HTML 2Page - Texas Instruments FDMS8672AS Datasheet HTML 3Page - Texas Instruments FDMS8672AS Datasheet HTML 4Page - Texas Instruments FDMS8672AS Datasheet HTML 5Page - Texas Instruments FDMS8672AS Datasheet HTML 6Page - Texas Instruments FDMS8672AS Datasheet HTML 7Page - Texas Instruments FDMS8672AS Datasheet HTML 8Page - Texas Instruments FDMS8672AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TPS51222RTV
1
2
3
4
24
23
22
21
VIN
VREG3
EN2
DRVH1
V5SW
RF
EN1
5
6
7
8
PGOOD1
SKIPSEL1
CSP1
CSN1
20
19
18
17
PGOOD2
SKIPSEL2
CSP2
CSN2
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
DRVH2
SKIPSEL2
PGOOD2
EN2
VREG3
3.3V/
10mA
VBAT
SKIPSEL1
PGOOD1
EN1
VO1
VO1
IMON1
VO1
5V
VBAT
EN
IMON2
VO2
3.3V
VBAT
VREG5
5V/
100mA
UDG-09009
VO2
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
2
• Input Voltage Range: 4.5 V to 32 V
• Notebook Computer System and I/O Bus
• Output Voltage Range: 1 V to 12 V
• Point of Load in LCD TV, MFP
• Selectable Light Load Operation
(Continuous / Auto Skip / Out-Of-Audio™ Skip)
• Programmable Droop Compensation
The TPS51222 is a dual synchronous buck regulator
• Voltage Servo Adjustable Soft Start
controller with two LDOs. It is optimized for 5-V/3.3-V
• 200-kHz to 1-MHz Fixed-Frequency PWM
system
controller,
enabling
designers
to
cost
• Current Mode Architecture
effectively complete 2-cell to 4-cell notebook system
power
supply.
The
TPS51222
supports
high
• 180° Phase Shift Between Channels
efficiency, fast transient response, and 99% duty
• Resistor or Inductor DCR Current Sensing
cycle operation. It supports supply input voltage
• Current Monitor Output for Each Channel
ranging from 4.5 V to 32 V, and output voltages from
1 V to 12 V. Peak current mode supports stability
• Adaptive Zero Crossing Circuit
operation with lower ESR capacitor and output
• Powergood Output for Each Channel
accuracy. The high duty cycle (99%) operation and
• OCL/OVP/UVP/UVLO Protections
the wide input/output voltage range supports flexible
• Thermal Shutdown (Non-Latch)
design for small mobile PCs and a wide variety of
other applications. The fixed frequency can be
• Output Discharge Function
adjusted from 200 kHz to 1 MHz by a resistor, and
• Integrated Boot Strap MOSFET Switch
each channel runs 180° out-of-phase. The TPS51222
• QFN-32 (RTV) Package
can also synchronize to the external clock, and the
interleaving ratio can be adjusted by its duty. The
TPS51222 is available in the 32-pin 5 × 5 QFN
package and is specified from –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Out-Of-Audio, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - FDMS8672AS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
More results

同様の説明 - FDMS8672AS

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com