データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8672AS データシート(PDF) 12 Page - Texas Instruments

部品番号 FDMS8672AS
部品情報  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

FDMS8672AS データシート(HTML) 12 Page - Texas Instruments

Back Button FDMS8672AS Datasheet HTML 8Page - Texas Instruments FDMS8672AS Datasheet HTML 9Page - Texas Instruments FDMS8672AS Datasheet HTML 10Page - Texas Instruments FDMS8672AS Datasheet HTML 11Page - Texas Instruments FDMS8672AS Datasheet HTML 12Page - Texas Instruments FDMS8672AS Datasheet HTML 13Page - Texas Instruments FDMS8672AS Datasheet HTML 14Page - Texas Instruments FDMS8672AS Datasheet HTML 15Page - Texas Instruments FDMS8672AS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
50
70
90
110
130
150
-50
0
50
100
150
T
J – Junction Temperature – °C
OVP
UVP
0
0.3
0.6
0.9
1.2
1.5
-50
0
50
100
150
T
J – Junction Temperature – °C
54
56
58
62
64
66
-50
0
50
100
150
T
J – Junction Temperature – °C
60
1
5
12
V
CSN (V)
4.2
4.4
4.6
4.8
5.0
5.2
4.5
5.0
5.5
6.5
7.0
4.5
4.7
4.9
5.1
4.3
Auto-Skip Mode
f
SW = 330 kHz
V
I – Input Voltage – V
6.0
0
4
8
I
O (A)
TPS51222
SLUS908 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
OVP/UVP THRESHOLD VOLTAGE
VBST LEAKAGE CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 13.
Figure 14.
CURRENT LIMIT THRESHOLD
5-V OUTPUT VOLTAGE
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 15.
Figure 16.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com