| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 250 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 250 Page - Renesas Technology Corp |
|
250 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 218 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Description 3 SLFRF 0 R/W Self-Refresh Enable Selects the self-refresh mode for the DRAM/SDRAM interface when a transition to the software standby mode is made with this bit set to 1. To perform a refresh cycle by setting the RFSHE bit is set to 1, this bit is effective. To perform a self-refresh cycle when the SDRAM interface is selected, enable the CKE output by setting the OEE bit in DRAMCR. 0: Disables self-refresh 1: Enables self-refresh 2 1 0 TPS2 TPS1 TPS0 0 0 0 R/W R/W R/W Precharge Cycle Control during Self-Refresh Selects the number of precharge cycles immediately after a self-refresh cycle. The number of actual number of precharge cycles is the sum of the numbers indicated by these bits and bits TPC1 and TPC0. 000: No wait cycle inserted 001: One wait cycle inserted 010: Two wait cycles inserted 010: Three wait cycles inserted 010: Four wait cycles inserted 010: Five wait cycles inserted 010: Six wait cycles inserted 010: Seven wait cycles inserted Note: * Only 0 can be written to this bit, to clear the flag. |